Part Number Hot Search : 
1A71B UM610 XO5036 C51440 MQ2218 05012 1N472 45FCT
Product Description
Full Text Search
 

To Download EPC-BP-860-60X28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  epc-bp860nm optical ir bandpass filter 860nm general description general purpose optical ir bandpass filter at centre wavelength of 860nm. it is deposited on thin glass carrier. the filter is designed as a single peak window filter for the wavelength range of 300 - 1050nm. it is well adapted for applications with high power led of 850nm (e.g. osram sfh 4258). features ? optimized for high power led 850nm ? single peak window filter bandpass 860nm ? specified wave range 300 C 1050nm ? thin glass substrate ? standard size ? customer size on request ? packaged in tape-on-reel for easy automatic assembly safety class ? not available applications ? ir sensor ? light barrier ? ir camera optical data 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 0 10 20 30 40 50 60 70 80 90 100 aoi = 0 aoi = 20 wavelenght (nm) t r a n s m i t t a n c e ( % ) figure 1 : transmittance spectrum ? 2011 espros photonics corporation characteristics subject to change without notice 1 datasheet epc-bp860 - v1.0 www.espros.ch
epc-bp860nm optical data (cont.) symbol parameter conditions/comments para- meter values units min. typ. max. aoi angle of incident random polarized 0 deg cwl (45%) centre wavelength @ 45% transmittance 860 6 nm fwhm (45%) full width at half maximum @ 45% transmittance 65 10 nm t avg transmittance @ 300 nm - 800 nm 0.1 % t avg transmittance @ 845 nm - 875 nm > 80 % t abs transmittance @ 860 6 nm > 80 % t avg transmittance @ 950nm - 1050nm 0.1 % aoi angle of incident random polarized 0 - 20 deg ss spectral shift < 15 nm mechanical data (all measures in mm, m 1:1 din a4 part name part no. designed approved scale page t h i s d o c u m e n t i s c o n f i d e n t i a l a n d p r o t e c t e d b y l a w a n d i n t e r n a t i o n a l t r a d e s . i t m u s t n o t b e s h o w n t o a n y t h i r d p a r t y n o r b e c o p i e d i n a n y f o r m w i t h o u t o u r w r i t t e n p e r m i s s i o n . file: unbenannt 1 26.02.2009 ) symbol parameter conditions/comments para- meter values units min. typ. max. glass d263t eco or equiv. length 6.0 0.10 mm width 2.8 0.10 mm thickness 0.55 0.05 mm operating ambient temperature -40 +85 deg c relative humidity not condensing +5 +95 % lst 09.05.2011 page 1 file: unbenannt this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . raster 2.5mm 2.5mm 6 .0 0.10 2 . 8 0 . 1 0 0 . 5 5 0 . 0 5 filter coating on top figure 2 : mechanical dimensions ? 2011 espros photonics corporation characteristics subject to change without notice 2 datasheet epc-bp860 - v1.0 www.espros.ch
epc-bp860nm packaging information (all measures in mm, m 1:1 din a4 part name part no. designed approved scale page t h i s d o c u m e n t i s c o n f i d e n t i a l a n d p r o t e c t e d b y l a w a n d i n t e r n a t i o n a l t r a d e s . i t m u s t n o t b e s h o w n t o a n y t h i r d p a r t y n o r b e c o p i e d i n a n y f o r m w i t h o u t o u r w r i t t e n p e r m i s s i o n . file: unben annt 1 26.02.2009 ) tape & reel information the devices are mounted on embossed tape for automatic placement systems. the tape is wound on 178 mm (7 inch) reels and individually packaged for shipment. g eneral tape-and-reel specification data are available in a separate data sheet and indicate the tape sizes for various package types. further tape-and-reel specifications can be found in the electronic industries association (eia) standard 481-1, 481-2, 481-3. lst 09.05.2011 page 1 file: this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . raster 2.5mm 2.5mm 1 6 m m 4mm filter coating on top figure 3 : tape dimensions. parts are placed with filter coating top side reel type tape size pieces / reel packaging method 7 inch 16 mm 1'000 pcs - aluminium bag with vapor barrier - protective n 2 -atmosphere espros photonics ag does not guarantee that there are no empty cavities. thus, the pick-and-place machine should check the presence of a chip during picking. ordering information type size rohs compliance packaging method epc-bp-860-6.0x2.8 6.0 x 2.8 mm yes reel ? 2011 espros photonics corporation characteristics subject to change without notice 3 datasheet epc-bp860 - v1.0 www.espros.ch
epc-bp860nm important notice espros photonics ag and its subsidiaries (epc) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to epcs terms and conditions of sale supplied at the time of order acknowledgment. epc warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with epcs standard war - ranty. testing and other quality control techniques are used to the extent epc deems necessary to support this warranty. except where man - dated by government requirements, testing of all parameters of each product is not necessarily performed. epc assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using epc components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. epc does not warrant or represent that any license, either express or implied, is granted under any epc patent right, copyright, mask work right, or other epc intellectual property right relating to any combination, machine, or process in which epc products or services are used. information published by epc regarding third-party products or services does not constitute a license from epc to use such products or services or a war ranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from epc under the patents or other intellectual property of epc. resale of epc products or services with statements different from or beyond the parameters stated by epc for that product or service voids all express and any implied warranties for the associated epc product or service. epc is not responsible or liable for any such statements. epc products are not authorized for use in safety-critical applications (such as life support) where a failure of the epc product would reasonably be expected to cause severe personal injury or death, unless officers of the parties have executed an agreement specifically governing such use. buyers represent that they have all necessary expertise in the safety and regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of epc products in such safety-critical applications, notwithstanding any applications-related information or support that may be provided by epc. further, buyers must fully indemnify epc and its representatives against any damages arising out of the use of epc products in such safety-critical applications. epc products are neither designed nor intended for use in military/aerospace applications or environments unless the epc products are spe - cifically designated by epc as military-grade or "enhanced plastic." only products designated by epc as military-grade meet military specific - ations. buyers acknowledge and agree that any such use of epc products which epc has not designated as military-grade is solely at the buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. epc products are neither designed nor intended for use in automotive applications or environments unless the specific epc products are desig - nated by epc as compliant with iso/ts 16949 requirements. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, epc will not be responsible for any failure to meet such requirements. ? 2011 espros photonics corporation characteristics subject to change without notice 4 datasheet epc-bp860 - v1.0 www.espros.ch


▲Up To Search▲   

 
Price & Availability of EPC-BP-860-60X28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X